Part Number Hot Search : 
FP3002 SMDB08 HIN230IB 100031 MM1095 300HS RN4606 NJU7074D
Product Description
Full Text Search
 

To Download Z86E0412PEC1903 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY PRODUCT SPECIFICATION
1
Z86E04/E08
CMOS Z8 OTP MICROCONTROLLERS
PRODUCT DEVICES
Part Number Z86E0412PEC Z86E0412PSC1866 Z86E0412PSC1903 Z86E0412PEC1903 Z86E0412SEC Z86E0412SSC1866 Z86E0412SSC1903 Z86E0412SEC1903 Z86E0812PEC Z86E0812PSC1866 Z86E0812PSC1903 Z86E0812PEC1903 Z86E0812SEC Z86E0812SSC1866 Z86E0812SSC1903 Z86E0812SEC1903 Oscillator Type Crystal Crystal RC RC Crystal Crystal RC RC Crystal Crystal RC RC Crystal Crystal RC RC Operating VCC 4.5V-5.5V 4.5V-5.5V 4.5V-5.5V 4.5V-5.5V 4.5V-5.5V 4.5V-5.5V 4.5V-5.5V 4.5V-5.5V 4.5V-5.5V 4.5V-5.5V 4.5V-5.5V 4.5V-5.5V 4.5V-5.5V 4.5V-5.5V 4.5V-5.5V 4.5V-5.5V Operating Temperature -40C/105C 0C/70C 0C/70C -40C/105C -40C/105C 0C/70C 0C/70C -40C/105C -40C/105C 0C/70C 0C/70C -40C/105C -40C/105C 0C/70C 0C/70C -40C/105C ROM (KB) 1 1 1 1 1 1 1 1 2 2 2 2 2 2 2 2 Package 18-Pin DIP 18-Pin DIP 18-Pin DIP 18-Pin DIP 18-Pin SOIC 18-Pin SOIC 18-Pin SOIC 18-Pin SOIC 18-Pin DIP 18-Pin DIP 18-Pin DIP 18-Pin DIP 18-Pin SOIC 18-Pin SOIC 18-Pin SOIC 18-Pin SOIC
1
Several key product features of the extensive family of Zilog Z86E04/E08 CMOS OTP microcontrollers are presented in the above table. This table enables the user to identify which of the E04/E08 product variants most closely match the user's application requirements.
DS97Z8X1104
PRELIMINARY
1
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
FEATURES
s s
14 Input/Output Lines Six Vectored, Prioritized Interrupts (3 falling edge, 1 rising edge, 2 timers) Two Analog Comparators Program Options: - Low Noise - ROM Protect - Auto Latch - Watch-Dog Timer (WDT) - EPROM/Test Mode Disable
s
Two Programmable 8-Bit Counter/Timers, Each with 6-Bit Programmable Prescaler WDT/ Power-On Reset (POR) On-Chip Oscillator that Accepts XTAL, Ceramic Resonance, LC, RC, or External Clock Clock-Free WDT Reset Low-Power Consumption (50 mw typical) Fast Instruction Pointer (1s @ 12 MHz) RAM Bytes (125)
s s
s s
s s s s
GENERAL DESCRIPTION
Zilog's Z86E04/E08 Microcontrollers (MCU) are One-Time Programmable (OTP) members of Zilog's single-chip Z8(R) MCU family that allow easy software development, debug, prototyping, and small production runs not economically desirable with masked ROM versions. For applications demanding powerful I/O capabilities, the Z86E04/E08's dedicated input and output lines are grouped into three ports, and are configurable under software control to provide timing, status signals, or parallel I/O. Two on-chip counter/timers, with a large number of user selectable modes, offload the system of administering real-time tasks such as counting/timing and I/O data communications. Note: All Signals with an overline, " ", are active Low, for example: B/W (WORD is active Low); B/W (BYTE is active Low, only). Power connections follow conventional descriptions below: Connection Power Ground Circuit
VCC
Device
VDD VSS
GND
2
PRELIMINARY
DS97Z8X1104
Zilog
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Input Vcc GND
XTAL
1
Port 3
Machine Timing & Inst. Control
Counter/ Timers (2)
ALU
Interrupt Control
FLAG
OTP
Two Analog Comparators
Register Pointer General-Purpose Register File
Program Counter
Port 2
Port 0
I/O (Bit Programmable)
I/O
Figure 1. Functional Block Diagram
DS97Z8X1104
PRELIMINARY
3
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
GENERAL DESCRIPTION (Continued)
D7-0
AD 10-0 Z8 MCU Address MUX D7-0 AD 10-0 EPROM Data MUX D7-0 3 bits Clear Clock P00 P01 PGM Mode Logic ROM PROT Low Noise Z8 Port 2 AD 10-0
Address Counter
EPM P32 CE XT1
PGM P30
VPP P33 OE P31
Figure 2. EPROM Programming Mode Block Diagram
4
PRELIMINARY
DS97Z8X1104
Zilog
Z86E04/E08 CMOS Z8 OTP Microcontrollers
PIN DESCRIPTION
D4 D5 D6 D7 VCC NC CE OE EPM
1
18
9
10
D3 D2 D1 D0 GND PGM CLOCK CLEAR VPP
P24 P25 P26 P27 VCC XTAL2 XTAL1 P31 P32
1
18
9
10
P23 P22 P21 P20 GND P02 P01 P00 P33
1
Figure 3. 18-Pin EPROM Mode Configuration
Figure 4. 18-Pin DIP/SOIC Mode Configuration
Table 1. 18-Pin DIP Pin Identification EPROM Programming Mode Pin # Symbol Function 1-4 5 6 7 8 9 10 11 12 13 14 15-18 D4-D7 VCC NC CE OE EPM VPP Clear Clock PGM GND D0-D3 Data 4, 5, 6, 7 Power Supply No Connection Chip Enable Output Enable EPROM Prog Mode Prog Voltage Clear Clock Address Prog Mode Ground Data 0,1, 2, 3
Table 2. 18-Pin DIP/SOIC Pin Identification Standard Mode
Direction In/Output
Pin # 1-4 5 6 7 8 9 10 11-13 14 15-18
Symbol P24-P27 VCC XTAL2 XTAL1 P31 P32 P33 P00-P02 GND P20-P23
Function Port 2, Pins 4,5,6,7 Power Supply Crystal Osc. Clock Crystal Osc. Clock Port 3, Pin 1, AN1 Port 3, Pin 2, AN2 Port 3, Pin 3, REF Port 0, Pins 0,1,2 Ground Port 2, Pins 0,1,2,3
Direction In/Output Output Input Input Input Input In/Output In/Output
Input Input Input Input Input Input Input In/Output
DS97Z8X1104
PRELIMINARY
5
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at any condition above those indicated in the operational sections of these specifications is not implied. Exposure to absolute maximum rating conditions for an extended period may affect device reliability. Total power Parameter Ambient Temperature under Bias Storage Temperature Voltage on any Pin with Respect to VSS Voltage on VDD Pin with Respect to VSS Voltage on Pins 7, 8, 9, 10 with Respect to VSS Total Power Dissipation Maximum Allowable Current out of VSS Maximum Allowable Current into VDD Maximum Allowable Current into an Input Pin Maximum Allowable Current into an Open-Drain Pin Maximum Allowable Output Current Sinked by Any I/O Pin Maximum Allowable Output Current Sourced by Any I/O Pin Total Maximum Output Current Sinked by a Port Total Maximum Output Current Sourced by a Port -600 -600 dissipation should not exceed 462 mW for the package. Power dissipation is calculated as follows: Total Power Dissipation = VDD x [IDD-(sum of IOH)] + sum of [(VDD-VOH) x IOH] + sum of (V0L x I0L) Min -40 -65 -0.7 -0.3 -0.6 Max +105 +150 +12 +7 VDD+1 1.65 300 220 +600 +600 25 25 60 45 Units C C V V V W mA mA A A mA mA mA mA 3 4 2 Note
1
Notes: 1. This applies to all pins except where otherwise noted. Maximum current into pin must be 600 A. 2. There is no input protection diode from pin to VDD (not applicable to EPROM Mode). 3. This excludes Pin 6 and Pin 7. 4. Device pin is not at an output Low state.
6
PRELIMINARY
DS97Z8X1104
Zilog
Z86E04/E08 CMOS Z8 OTP Microcontrollers
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test conditions as noted. All voltages are referenced to Ground. Positive current flows into the referenced pin (Figure 5).
From Output Under Test
1
150 pF
Figure 5. Test Load Diagram
CAPACITANCE TA = 25C, VCC = GND = 0V, f = 1.0 MHz, unmeasured pins returned to GND.
Parameter Input capacitance Output capacitance I/O capacitance Min 0 0 0 Max 10 pF 20 pF 25 pF
DS97Z8X1104
PRELIMINARY
7
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
DC ELECTRICAL CHARACTERISTICS Standard Temperature
TA = 0C to +70C Sym VINMAX VCH Parameter Max Input Voltage Clock Input High Voltage VCC [4] 4.5V 5.5V 4.5V 5.5V VCL Clock Input Low Voltage 4.5V 5.5V VIH VIL VOH Input High Voltage Input Low Voltage Output High Voltage 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V VOL1 Output Low Voltage 4.5V 5.5V 4.5V 5.5V VOL2 Output Low Voltage 4.5V 5.5V VOFFSET Comparator Input Offset Voltage VLV IIL VCC Low Voltage Auto Reset Input Leakage (Input Bias Current of Comparator) Output Leakage Comparator Input Common Mode Voltage Range 4.5V 5.5V 2.2 4.5V 5.5V 4.5V 5.5V VICR -1.0 -1.0 -1.0 -1.0 0 0.8 VCC 0.8 VCC VSS-0.3 VSS-0.3 0.7 VCC 0.7 VCC VSS-0.3 VSS-0.3 VCC-0.4 VCC-0.4 VCC-0.4 VCC-0.4 0.8 0.4 0.4 0.4 0.8 0.8 25.0 25.0 3.0 1.0 1.0 1.0 1.0 VCC -1.0 Min Max 12 12 VCC+0.3 VCC+0.3 0.2 VCC 0.2 VCC VCC+0.3 VCC+0.3 0.2 VCC 0.2 VCC 2.8 2.8 1.7 1.7 2.8 2.8 1.5 1.5 4.8 4.8 4.8 4.8 0.1 0.1 0.1 0.1 0.8 0.8 10.0 10.0 2.8 Typical @ 25C
Units Conditions V V V V V V V V V V V V V V V V V V V V mV mV V A A A A V IOH = -2.0 mA IOH = -2.0 mA Low Noise @ IOH = -0.5 mA Low Noise @ IOH = -0.5 mA IOL = +4.0 mA IOL = +4.0 mA Low Noise @ IOL = 1.0 mA Low Noise @ IOL = 1.0 mA IOL = +12 mA, IOL = +12 mA, IIn<250 A IIn<250 A Driven by External Clock Generator Driven by External Clock Generator Driven by External Clock Generator Driven by External Clock Generator
Notes 1 1
5 5
5 5
5 5
@ 6 MHz Max. Int. CLK Freq. VIN = 0V, VCC VIN = 0V, VCC VIN = 0V, VCC VIN = 0V, VCC
IOL
8
PRELIMINARY
DS97Z8X1104
Zilog TA = 0C to +70C Typical Min Max @ 25C 11.0 11.0 15.0 15.0 20.0 20.0 4.0 4.0 5.0 5.0 7.0 7.0 11.0 11.0 13.0 13.0 15.0 15.0 6.8 6.8 8.2 8.2 12.0 12.0 2.5 2.5 3.0 3.0 4.0 4.0 6.8 6.8 7.5 7.5 8.2 8.2
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Sym ICC
Parameter Supply Current
VCC [4] 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V
Units Conditions mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA All Output and I/O Pins Floating @ 2 MHz All Output and I/O Pins Floating @ 2 MHz All Output and I/O Pins Floating @ 8 MHz All Output and I/O Pins Floating @ 8 MHz All Output and I/O Pins Floating @ 12 MHz All Output and I/O Pins Floating @ 12 MHz HALT Mode VIN = 0V, VCC @ 2 MHz HALT Mode VIN = 0V, VCC @ 2 MHz HALT Mode VIN = 0V, VCC @ 8 MHz HALT Mode VIN = 0V, VCC @ 8 MHz HALT Mode VIN = 0V, VCC @ 12 MHz HALT Mode VIN = 0V, VCC @ 12 MHz All Output and I/O Pins Floating @ 1 MHz All Output and I/O Pins Floating @ 1 MHz All Output and I/O Pins Floating @ 2 MHz All Output and I/O Pins Floating @ 2 MHz All Output and I/O Pins Floating @ 4 MHz All Output and I/O Pins Floating @ 4 MHz
Notes 5,7 5,7 5,7 5,7 5,7 5,7 5,7 5,7 5,7 5,7 5,7 5,7 7 7 7 7 7 7
1
ICC1
Standby Current
4.5V 5.5V 4.5V 5.5V 4.5V 5.5V
ICC
Supply Current (Low Noise Mode)
4.5V 5.5V 4.5V 5.5V 4.5V 5.5V
DS97Z8X1104
PRELIMINARY
9
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
DC ELECTRICAL CHARACTERISTICS (Continued)
TA = 0C to +70C Typical Min Max @ 25C 4.0 4.0 4.5 4.5 5.0 5.0 10.0 10.0 32.0 32.0 -16.0 -16.0 2.5 2.5 2.8 2.8 3.0 3.0 1.0 1.0 16 16 -8.0 -8.0
Sym Parameter ICC1 Standby Current (Low Noise Mode)
VCC [4] 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V
Units Conditions mA mA mA mA mA mA A A A A A A HALT Mode VIN = 0V, VCC @ 1 MHz HALT Mode VIN = 0V, VCC @ 1 MHz HALT Mode VIN = 0V, VCC @ 2 MHz HALT Mode VIN = 0V, VCC @ 2 MHz HALT Mode VIN = 0V, VCC @ 4 MHz HALT Mode VIN = 0V, VCC @ 4 MHz STOP Mode VIN = 0V, VCC WDT is not Running STOP Mode VIN = 0V,VCC WDT is not Running 0V < VIN < VCC 0V < VIN < VCC 0V < VIN < VCC 0V < VIN < VCC
Notes 7 7 7 7 7 7 7,8 7,8
ICC2
Standby Current
4.5V 5.5V
IALL IALH
Auto Latch Low Current Auto Latch High Current
4.5V 5.5V 4.5V 5.5V
Notes: 1. Port 2 and Port 0 only 2. VSS = 0V = GND 3. The device operates down to VLV of the specified frequency for VLV . The minimum operational VCC is determined on the value of the voltage VLV at the ambient temperature. The VLV increases as the temperature decreases. 4. VCC = 4.5 to 5.5V, typical values measured at VCC = 5.0V. The VCC voltage specification of 5.5 V guarantees 5.0 V 0.5V with typical values measured at VCC = 5.0V. 5. Standard Mode (not Low EMI Mode) 6. Z86E08 only 7. All outputs unloaded and all inputs are at VCC or VSS level. 8. If analog comparator is selected, then the comparator inputs must be at VCC level.
10
PRELIMINARY
DS97Z8X1104
Zilog
Z86E04/E08 CMOS Z8 OTP Microcontrollers
DC ELECTRICAL CHARACTERISTICS Extended Temperature
TA = -40C to +105C Min Max 12.0 12.0 0.8 VCC 0.8 VCC VSS-0.3 VSS-0.3 0.7 VCC 0.7 VCC VSS-0.3 VSS-0.3 VCC-0.4 VCC-0.4 VCC-0.4 VCC-0.4 0.4 0.4 0.4 0.4 1.0 1.0 25.0 25.0 3.8 -1.0 -1.0 -1.0 -1.0 0 VCC -1.5 0.1 0.1 0.1 0.1 0.3 0.3 10.0 10.0 2.8 1.0 1.0 1.0 1.0 VCC+0.3 VCC+0.3 0.2 VCC 0.2 VCC VCC+0.3 VCC+0.3 0.2 VCC 0.2 VCC 2.8 2.8 1.7 1.7 2.8 2.8 1.5 1.5 4.8 4.8
1
Typical @ 25C Units V V V V V V V V V V V V V V V V V V V V mV mV V A A A A V IOH = -2.0 mA IOH = -2.0 mA Low Noise @ IOH = -0.5 mA Low Noise @ IOH = -0.5 mA IOL = +4.0 mA IOL = +4.0 mA Low Noise @ IOL = 1.0 mA Low Noise @ IOL = 1.0 mA IOL = +12 mA, IOL = +12 mA, 5 5 5 5 5 5 Conditions IIN < 250 A IIN < 250 A Driven by External Clock Generator Driven by External Clock Generator Driven by External Clock Generator Driven by External Clock Generator Notes 1 1
Sym VINMAX VCH
Parameter Max Input Voltage Clock Input High Voltage
VCC [4] 4.5V 5.5V 4.5V 5.5V
VCL
Clock Input Low Voltage
4.5V 5.5V
VIH VIL VOH
Input High Voltage Input Low Voltage Output High Voltage
4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V
VOL1
Output Low Voltage
4.5V 5.5V 4.5V 5.5V
VOL2
Output Low Voltage
4.5V 5.5V 4.5V 5.5V 1.8 4.5V 5.5V 4.5V 5.5V
VOFFSET Comparator Input Offset Voltage VLV IIL VCC Low Voltage Auto Reset Input Leakage (Input Bias Current of Comparator) Output Leakage Comparator Input Common Mode Voltage Range
@ 6 MHz Max. Int. CLK Freq. VIN = 0V, VCC VIN = 0V, VCC VIN = 0V, VCC VIN = 0V, VCC
3
IOL VICR
DS97Z8X1104
PRELIMINARY
11
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
DC ELECTRICAL CHARACTERISTICS (Continued)
TA = -40C to +105C Min Max 11.0 11.0 15.0 15.0 20.0 20.0 5.0 5.0 5.0 5.0 7.0 7.0 11.0 11.0 13.0 13.0 15.0 15.0
Sym ICC
Parameter Supply Current
VCC [4] 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V
Typical @ 25C 6.8 6.8 8.2 8.2 12.0 12.0 2.5 2.5 3.0 3.0 4.0 4.0 6.8 6.8 7.5 7.5 8.2 8.2
Units mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA
Conditions All Output and I/O Pins Floating @ 2 MHz All Output and I/O Pins Floating @ 2 MHz All Output and I/O Pins Floating @ 8 MHz All Output and I/O Pins Floating @ 8 MHz All Output and I/O Pins Floating @ 12 MHz All Output and I/O Pins Floating @ 12 MHz HALT Mode VIN = 0V, VCC @ 2 MHz HALT Mode VIN = 0V, VCC @ 2 MHz HALT Mode VIN = 0V, VCC @ 8 MHz HALT Mode VIN = 0V, VCC @ 8 MHz HALT Mode VIN = 0V, VCC @ 12 MHz HALT Mode VIN = 0V, VCC @ 12 MHz All Output and I/O Pins Floating @ 1 MHz All Output and I/O Pins Floating @ 1 MHz All Output and I/O Pins Floating @ 2 MHz All Output and I/O Pins Floating @ 2 MHz All Output and I/O Pins Floating @ 4 MHz All Output and I/O Pins Floating @ 4 MHz
Notes 5,7 5,7 5,7 5,7 5,7 5,7 5,7 5,7 5,7 5,7 5,7 5,7 7 7 7 7 7 7
ICC1
Standby Current
4.5V 5.5V 4.5V 5.5V 4.5V 5.5V
ICC
Supply Current (Low Noise Mode)
4.5V 5.5V 4.5V 5.5V 4.5V 5.5V
12
PRELIMINARY
DS97Z8X1104
Zilog TA = -40C to +105C Typical Min Max @ 25C 4.0 4.0 4.5 4.5 5.0 5.0 20 20 40 40 -20.0 -20.0 2.5 2.5 2.8 2.8 3.0 3.0 1.0 1.0 16 16 -8.0 -8.0
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Sym ICC1
Parameter Standby Current (Low Noise Mode)
VCC [4] 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V
Units Conditions mA mA mA mA mA mA A A A A A A HALT Mode VIN = 0V, VCC @ 1 MHz HALT Mode VIN = 0V, VCC @ 1 MHz HALT Mode VIN = 0V, VCC @ 2 MHz HALT Mode VIN = 0V, VCC @ 2 MHz HALT Mode VIN = 0V, VCC @ 4 MHz HALT Mode VIN = 0V, VCC @ 4 MHz STOP Mode VIN = 0V, VCC WDT is not Running STOP Mode VIN = 0V, VCC WDT is not Running 0V < VIN < VCC 0V < VIN < VCC 0V < VIN < VCC 0V < VIN < VCC
Notes 7 7 7 7 7 7 7,8 7,8
1
ICC2
Standby Current
4.5V 5.5V
IALL IALH
Auto Latch Low Current Auto Latch High Current
4.5V 5.5V 4.5V 5.5V
Notes: 1. Port 2 and Port 0 only 2. VSS = 0V = GND 3. The device operates down to VLV of the specified frequency for VLV . The minimum operational VCC is determined on the value of the voltage VLV at the ambient temperature. The VLV increases as the temperature decreases. 4. VCC = 4.5V to 5.5V, typical values measured at VCC = 5.0V 5. Standard Mode (not Low EMI Mode) 6. Z86E08 only 7. All outputs unloaded and all inputs are at VCC or VSS level. 8. If analog comparator is selected, then the comparator inputs must be at VCC level.
DS97Z8X1104
PRELIMINARY
13
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
AC ELECTRICAL CHARACTERISTICS
1 3
Clock
2 7 7
2
3
TIN
4 6
5
IRQ N
8
9
Figure 6. AC Electrical Timing Diagram
14
PRELIMINARY
DS97Z8X1104
Zilog
Z86E04/E08 CMOS Z8 OTP Microcontrollers
AC ELECTRICAL CHARACTERISTICS Timing Table (Standard Mode for SCLK/TCLK = XTAL/2) Standard Temperature
15 No 1 2 3 4 5 6 7 8 9 10 11 Symbol TpC TrC,TfC TwC TwTinL TwTinH TpTin TrTin, TtTin TwIL TwIH Twdt Tpor Parameter Input Clock Period Clock Input Rise and Fall Times Input Clock Width Timer Input Low Width Timer Input High Width Timer Input Period Timer Input Rise and Fall Time Int. Request Input Low Time Int. Request Input High Time Watch-Dog Timer Delay Time for Timeout Power-On Reset Time VCC 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V Min 125 125 TA= 0 C to +70 C 8 MHz Max DC DC 25 25 12 MHz Min 83 83 Max DC DC 15 15 Units ns ns ns ns ns ns ns ns Notes 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1,2 1,2 1,2 1,2 1 1 1 1
1
62 62 100 70 5TpC 5TpC 8TpC 8TpC 100 100 70 70 5TpC 5TpC 12 12 20 20
41 41 100 70 5TpC 5TpC 8TpC 8TpC 100 100 70 70 5TpC 5TpC 12 12 20 20
ns ns ns ns
80 80
80 80
ms ms ms ms
Notes: 1. Timing Reference uses 0.7 VCC for a logic 1 and 0.2 VCC for a logic 0. 2. Interrupt request through Port 3 (P33-P31).
DS97Z8X1104
PRELIMINARY
15
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
AC ELECTRICAL CHARACTERISTICS Timing Table (Standard Mode for SCLK/TCLK = XTAL/2) Extended Temperature
TA= -40 C to +105 C 8 MHz 12 MHz No 1 2 3 4 5 6 7 8 9 10 11 Symbol TpC TrC,TfC TwC TwTinL TwTinH TpTin TrTin, TtTin TwIL TwIH Twdt Tpor Parameter Input Clock Period Clock Input Rise and Fall Times Input Clock Width Timer Input Low Width Timer Input High Width Timer Input Period Timer Input Rise and Fall Time Int. Request Input Low Time Int. Request Input High Time Watch-Dog Timer Delay Time for Timeout Power-On Reset Time VCC 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V Min 125 125 Max DC DC 25 25 62 62 Min 83 83 Max DC DC 15 15 41 41 Units ns ns ns ns ns ns ns ns Notes 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1,2 1,2 1,2 1,2 1 1 1 1
70 70 5TpC 5TpC 8TpC 8TpC 100 100 70 70 5TpC 5TpC 10 10 12 12
70 70 5TpC 5TpC 8TpC 8TpC 100 100 70 70 5TpC 5TpC 10 10 12 12
ns ns ns ns
100 100
100 100
ms ms ms ms
Notes: 1. Timing Reference uses 0.7 VCC for a logic 1 and 0.2 VCC for a logic 0. 2. Interrupt request made through Port 3 (P33-P31).
16
PRELIMINARY
DS97Z8X1104
Zilog
Z86E04/E08 CMOS Z8 OTP Microcontrollers
AC ELECTRICAL CHARACTERISTICS Low Noise Mode, Standard Temperature
TA= 0 C to +70 C 1 MHz 4 MHz Min Max Min Max 1000 1000 DC DC 25 25 250 250 DC DC 25 25
1
Units ns ns ns ns ns ns ns ns Notes 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1,2 1,2 1,2 1,2 1 1
No 1 2 3 4. 5 6 7 8 9 10
Symbol TPC TrC TfC TwC TwTinL TwTinH TpTin TrTin, TtTin TwIL Low Time TwIH High Time Twdt
Parameter Input Clock Period Clock Input Rise and Fall Times Input Clock Width Timer Input Low Width Timer Input High Width Timer Input Period Timer Input Rise and Fall Time Int. Request Input Int. Request Input Watch-Dog Timer Delay Time for Timeout
VCC 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V
500 500 70 70 2.5TpC 2.5TpC 4TpC 4TpC 100 100 70 70 2.5TpC 2.5TpC 12 12
125 125 70 70 2.5TpC 2.5TpC 4TpC 4TpC 100 100 70 70 2.5TpC 2.5TpC 12 12
ns ns ns ns
ms ms
Notes: 1. Timing Reference uses 0.7 VCC for a logic 1 and 0.2 VCC for a logic 0. 2. Interrupt request through Port 3 (P33-P31).
DS97Z8X1104
PRELIMINARY
17
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
AC ELECTRICAL CHARACTERISTICS (Continued) Low Noise Mode, Extended Temperature
TA= -40 C to +105 C 1 MHz 4 MHz Min Max Min Max 1000 1000 DC DC 25 25 250 250 DC DC 25 25
No 1 2 3 4. 5 6 7 8 9 10
Symbol TPC TrC TfC TwC TwTinL TwTinH TpTin TrTin, TtTin TwIL TwIH Twdt
Parameter Input Clock Period Clock Input Rise and Fall Times Input Clock Width Timer Input Low Width Timer Input High Width Timer Input Period Timer Input Rise and Fall Time Int. Request Input Low Time Int. Request Input High Time Watch-Dog Timer Delay Time for Timeout
VCC 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V
Units ns ns ns ns ns ns ns ns
Notes 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1,2 1,2 1,2 1,2 1 1
500 500 70 70 2.5TpC 2.5TpC 4TpC 4TpC 100 100 70 70 2.5TpC 2.5TpC 10 10
125 125 70 70 2.5TpC 2.5TpC 4TpC 4TpC 100 100 70 70 2.5TpC 2.5TpC 10 10
ns ns ns ns
ms ms
Notes: 1. Timing Reference uses 0.7 VCC for a logic 1 and 0.2 VCC for a logic 0. 2. Interrupt request through Port 3 (P33-P31).
18
PRELIMINARY
DS97Z8X1104
Zilog
Z86E04/E08 CMOS Z8 OTP Microcontrollers
LOW NOISE VERSION Low EMI Emission
The Z86E04/E08 can be programmed to operate in a Low EMI Emission Mode by means of a mask ROM bit option. Use of this feature results in:
s s s s
Output drivers have resistances of 500 Ohms (typical). Oscillator divide-by-two circuitry eliminated.
1
All pre-driver slew rates reduced to 10 ns typical. Internal SCLK/TCLK operation limited to a maximum of 4 MHz-250 ns cycle time.
The Low EMI Mode is mask-programmable to be selected by the customer at the time the ROM code is submitted.
PIN FUNCTIONS OTP Programming Mode
D7-D0 Data Bus. Data can be read from, or written to, the EPROM through this data bus. VCC Power Supply. It is typically 5V during EPROM Read Mode and 6.4V during the other modes (Program, Program Verify, and so on). CE Chip Enable (active Low). This pin is active during EPROM Read Mode, Program Mode, and Program Verify Mode. OE Output Enable (active Low). This pin drives the Data Bus direction. When this pin is Low, the Data Bus is output. When High, the Data Bus is input. EPM EPROM Program Mode. This pin controls the different EPROM Program Modes by applying different voltages. VPP Program Voltage. This pin supplies the program voltage. Clear Clear (active High). This pin resets the internal address counter at the High Level. Clock Address Clock. This pin is a clock input. The internal address counter increases by one with one clock cycle. PGM Program Mode (active Low). A Low level at this pin programs the data to the EPROM through the Data Bus.
Application Precaution
The production test-mode environment may be enabled accidentally during normal operation if excessive noise surges above VCC occur on the XTAL1 pin. In addition, processor operation of Z8 OTP devices may be affected by excessive noise surges on the VPP, CE, EPM, OE pins while the microcontroller is in Standard Mode. Recommendations for dampening voltage surges in both test and OTP Mode include the following:
s s
Using a clamping diode to VCC. Adding a capacitor to the affected pin.
Note: Programming the EPROM/Test Mode Disable option will prevent accidental entry into EPROM Mode or Test Mode.
DS97Z8X1104
PRELIMINARY
19
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
PIN FUNCTIONS (Continued)
XTAL1, XTAL2 Crystal In, Crystal Out (time-based input and output, respectively). These pins connect a parallelresonant crystal, LC, or an external single-phase clock (8 MHz or 12 MHz max) to the on-chip clock oscillator and buffer. Port 0, P02-P00. Port 0 is a 3-bit bidirectional, Schmitttriggered CMOS-compatible I/O port. These three I/O lines can be globally configured under software control to be inputs or outputs (Figure 7). Auto Latch. The Auto Latch puts valid CMOS levels on all CMOS inputs (except P33, P32, P31) that are not externally driven. A valid CMOS level, rather than a floating node, reduces excessive supply current flow in the input buffer. On Power-up and Reset, the Auto Latch will set the ports to an undetermined state of 0 or 1. Default condition is Auto Latches enabled.
Z8
Port 0 (I/O)
OE
PAD
Out 1.5 In 2.3 Hysteresis VCC @ 5.0V
Auto Latch Option
R
500 k
Figure 7. Port 0 Configuration
20
PRELIMINARY
DS97Z8X1104
Zilog Port 2, P27-P20. Port 2 is an 8-bit, bit programmable, bidirectional, Schmitt-triggered CMOS-compatible I/O port. These eight I/O lines can be configured under software
Z86E04/E08 CMOS Z8 OTP Microcontrollers control to be inputs or outputs, independently. Bits programmed as outputs can be globally programmed as either push-pull or open-drain (Figure 8).
1
Z8 Port 2 (I/O)
Open-Drain /OE PAD
Out 1.5 In 2.3 Hysteresis
VCC @ 5.0V
Auto Latch Option R 500 k
Figure 8. Port 2 Configuration
DS97Z8X1104
PRELIMINARY
21
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
PIN FUNCTIONS (Continued)
Port 3, P33-P31. Port 3 is a 3-bit, CMOS-compatible port with three fixed input (P33-P31) lines. These three input lines can be configured under software control as digital Schmitt-trigger inputs or analog inputs. These three input lines are also used as the interrupt sources IRQ0-IRQ3, and as the timer input signal TIN (Figure 9).
Z86E04 and Z8 Z86E08
Port 3
R247 = P3M
0 = Digital 1 = Analog D1
TIN
DIG. PAD P31 (AN1)
P31 Data Latch IRQ2
+
AN.
IRQ3
PAD P32 (AN2) PAD
P32 Data Latch + P33 (REF)
IRQ0
P33 Data Latch Vcc IRQ1
IRQ 0,1,2 = Falling Edge Detection IRQ3 = Rising Edge Detection
Figure 9. Port 3 Configuration
22
PRELIMINARY
DS97Z8X1104
Zilog Comparator Inputs. Two analog comparators are added to input of Port 3, P31, and P32, for interface flexibility. The comparators reference voltage P33 (REF) is common to both comparators. Typical applications for the on-board comparators; Zero crossing detection, A/D conversion, voltage scaling, and threshold detection. In Analog Mode, P33 input functions serve as a reference voltage to the comparators. The dual comparator (common inverting terminal) features a single power supply which discontinues power in STOP
Z86E04/E08 CMOS Z8 OTP Microcontrollers Mode. The common voltage range is 0-4 V when the VCC is 5.0V; the power supply and common mode rejection ratios are 90 dB and 60 dB, respectively. Interrupts are generated on either edge of Comparator 2's output, or on the falling edge of Comparator 1's output. The comparator output is used for interrupt generation, Port 3 data inputs, or TIN through P31. Alternatively, the comparators can be disabled, freeing the reference input (P33) for use as IRQ1 and/or P33 input.
1
FUNCTIONAL DESCRIPTION
The following special functions have been incorporated into the Z8 devices to enhance the standard Z8 core architecture to provide the user with increased design flexibility. RESET. This function is accomplished by means of a Power-On Reset or a Watch-Dog Timer Reset. Upon powerup, the Power-On Reset circuit waits for TPOR ms, plus 18 clock cycles, then starts program execution at address 000C (Hex) (Figure 10). The Z8 control registers' reset value is shown in Table 3.
INT OSC POR (Cold Start) Delay Line TPOR msec P27 (Stop Mode)
XTAL OSC
18 CLK Reset Filiter
Chip Reset
Figure 10. Internal Reset Configuration
Power-On Reset (POR). A timer circuit clocked by a dedicated on-board RC oscillator is used for a POR timer function. The POR time allows VCC and the oscillator circuit to stabilize before instruction execution begins. The POR timer circuit is a one-shot timer triggered by one of the four following conditions:
s s s s
Watch-Dog Timer Reset. The WDT is a retriggerable one-shot timer that resets the Z8 if it reaches its terminal count. The WDT is initially enabled by executing the WDT instruction and is retriggered on subsequent execution of the WDT instruction. The timer circuit is driven by an onboard RC oscillator.
Power-bad to power-good status Stop-Mode Recovery WDT time-out WDH time-out
DS97Z8X1104
PRELIMINARY
23
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
FUNCTIONAL DESCRIPTION (Continued)
Table 3. Control Registers Reset Condition D5 D4 D3 D2 0 0 U U 0 U U U 1 U U U U 0 0 0 U U 0 U 0 U 1 U U U U 0 0 0 U U 0 U U U 1 U U U U 0 0 0 U U 0 U U U 1 U U U U 0
Addr. FF FD FC FB FA F9 F8* F7* F6* F5 F4 F3 F2 F1
Reg. SPL RP FLAGS IMR IRQ IPR P01M P3M P2M PRE0 T0 PRE1 T1 TMR
D7 0 0 U 0 U U U U 1 U U U U 0
D6 0 0 U U U U U U 1 U U U U 0
D1 0 0 U U 0 U 0 0 1 U U 0 U 0
D0 0 0 U U 0 U 1 0 1 0 U 0 U 0
Comments
IRQ3 is used for positive edge detection
Inputs after reset
Note: *Registers are not reset after a STOP-Mode Recovery using P27 pin. A subsequent reset will cause these control registers to be reconfigured as shown in Table 4 and the user must avoid bus contention on the port pins or it may affect device reliability.
24
PRELIMINARY
DS97Z8X1104
Zilog Program Memory. The Z86E04/E08 addresses up to 1K/2KB of Internal Program Memory (Figure 11). The first 12 bytes of program memory are reserved for the interrupt vectors. These locations contain six 16-bit vectors that correspond to the six available interrupts. Bytes 0-1024/2048 are on-chip one-time programmable ROM.
Identifiers 3FH/7FFH 3FFH/7FFH On-Chip ROM
Z86E04/E08 CMOS Z8 OTP Microcontrollers Register File. The Register File consists of three I/O port registers, 124 general-purpose registers, and 14 control and status registers R0-R3, R4-R127 and R241-R255, respectively (Figure 12). General-purpose registers occupy the 04H to 7FH address space. I/O ports are mapped as per the existing CMOS Z8.
Location 255 (FFH) 254 (FE) 253 (FD)
0CH IRQ5 IRQ5 IRQ4 IRQ4 IRQ3 IRQ3 IRQ2 IRQ2 IRQ1 IRQ1 IRQ0 IRQ0 0BH
1
1023/2047 Location of First Byte of Instruction Executed After RESET 12 11 10 9 8 Interrupt Vector (Lower Byte) 7 6 5 Interrupt Vector (Upper Byte) 4 3 2 1 0
Identifiers Stack Pointer (Bits 7-0) General-Purpose Register Register Pointer Program Control Flags Interrupt Mask Register Interrupt Request Register Interrupt Priority Register Ports 0-1 Mode Port 3 Mode Port 2 Mode T0 Prescaler Timer/Counter 0 T1 Prescaler Timer/Counter 1 Timer Mode Not Implemented SPL GPR RP FLAGS IMR IRQ IPR P01M P3M P2M PRE0 T0 PRE1 T1 TMR
252 (FC) 251 (FB)
0AH
250 (FA)
09H
249 (F9)
08H 07H 06H 05H 04H 03H 02H 01H 00H
248 (F8) 247 (F7) 246 (F6) 245 (F5) 244 (F4) 243 (F3) 242 (F2) 241 (F1H)
Figure 11. Program Memory Map
128 127 (7FH) General-Purpose Registers 4 3 2 1 0 (00H) Port 3 Port 2 Reserved Port 0 P3 P2 P1 P0
Figure 12. Register File
DS97Z8X1104
PRELIMINARY
25
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
FUNCTIONAL DESCRIPTION (Continued)
The Z8 instructions can access registers directly or indirectly through an 8-bit address field. This allows short 4-bit register addressing using the Register Pointer. In the 4-bit mode, the register file is divided into eight working register groups, each occupying 16 continuous locations. The Register Pointer (Figure 13) addresses the starting location of the active working-register group. Stack Pointer. The Z8 has an 8-bit Stack Pointer (R255) used for the internal stack that resides within the 124 general-purpose registers. General-Purpose Registers (GPR). These registers are undefined after the device is powered up. The registers keep their last value after any reset, as long as the reset occurs in the VCC voltage-specified operating range. Note: Register R254 has been designated as a general-purpose register and is set to 00 Hex after any reset or Stop-Mode Recovery. Counter/Timer. There are two 8-bit programmable counter/timers (T0 and T1), each driven by its own 6-bit programmable prescaler. The T1 prescaler is driven by internal or external clock sources; however, the T0 can be driven by the internal clock source only (Figure 14). The 6-bit prescalers divide the input frequency of the clock source by any integer number from 1 to 64. Each prescaler drives its counter, which decrements the value (1 to 256) that has been loaded into the counter. When both counter and prescaler reach the end of count, a timer interrupt request IRQ4 (T0) or IRQ5 (T1) is generated. The counter can be programmed to start, stop, restart to continue, or restart from the initial value. The counters are also programmed to stop upon reaching zero (Single-Pass Mode) or to automatically reload the initial value and continue counting (Modulo-N Continuous Mode). The counters, but not the prescalers, are read at any time without disturbing their value or count mode. The clock source for T1 is user-definable and is either the internal microprocessor clock divided by four, or an external signal input through Port 3. The Timer Mode register configures the external timer input (P31) as an external clock, a trigger input that is retriggerable or non-retriggerable, or used as a gate input for the internal clock.
r7 r6
r5 r4
r3 r2
r1 r0
R253 (Register Pointer)
The upper nibble of the register file address provided by the register pointer specifies the active working-register group.
FF
Register Group F
F0
R15 to R0
7F 70 6F 60 5F 50 4F 40 3F 30 2F 20 1F
Specified Working Register Group
The lower nibble of the register file address provided by the instruction points to the specified register.
Register Group 1
10 0F
R15 to R0 R15 to R4* R3 to R0
Register Group 0 I/O Ports
00 *Expanded Register Group (0) is selected in this figure by handling bits D3 to D0 as "0" in Register R253(RP).
Figure 13. Register Pointer
26
PRELIMINARY
DS97Z8X1104
Zilog
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Internal Data Bus Write OSC PRE0 Initial Value Register Write T0 Initial Value Register Read T0 Current Value Register
1
/2
*
/4 Internal Clock 6-Bit Down Counter 8-bit Down Counter
IRQ4
External Clock
Clock Logic /4
6-Bit Down Counter
8-Bit Down Counter
IRQ5
Internal Clock Gated Clock Triggered Clock
PRE1 Initial Value Register Write Write
T1 Initial Value Register Read Internal Data Bus
T1 Current Value Register
TIN P31
* Note: By passed, if Low EMI Mode is selected. Figure 14. Counter/Timers Block Diagram
DS97Z8X1104
PRELIMINARY
27
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
FUNCTIONAL DESCRIPTION (Continued)
Interrupts. The Z8 has six interrupts from six different sources. These interrupts are maskable and prioritized (Figure 15). The sources are divided as follows: the falling edge of P31 (AN1), P32 (AN2), P33 (REF), the rising edge of P32 (AN2), and two counter/timers. The Interrupt Mask Register globally or individually enables or disables the six interrupt requests (Table 4). When more than one interrupt is pending, priorities are resolved by a programmable priority encoder that is controlled by the Interrupt Priority register. All Z8 interrupts are vectored through locations in program memory. When an Interrupt machine cycle is activated, an Interrupt Request is granted. This disables all subsequent interrupts, saves the Program Counter and Status Flags, and then branches to the program memory vector location reserved for that interrupt. This memory location and the next byte contain the 16-bit starting address of the interrupt service routine for that particular interrupt request. To accommodate polled interrupt systems, interrupt inputs are masked and the interrupt request register is polled to determine which of the interrupt requests needs service. Note: User must select any Z86E08 mode in Zilog's C12 ICEBOXTM emulator. The rising edge interrupt is not supported on the CCP emulator (a hardware/software workaround must be employed). Table 4. Interrupt Types, Sources, and Vectors Name IRQ0 IRQ1 IRQ2 IRQ3 IRQ4 IRQ5 Source AN2(P32) REF(P33) AN1(P31) AN2(P32) T0 T1 Vector Location 0,1 2,3 4,5 6,7 8,9 10,11 Comments External (F)Edge External (F)Edge External (F)Edge External (R)Edge Internal Internal
Notes: F = Falling edge triggered R = Rising edge triggered
IRQ0 - IRQ5
IRQ
IMR
Global Interrupt Enable
6 IPR
Interrupt Request
PRIORITY LOGIC
Vector Select
Figure 15. Interrupt Block Diagram
28
PRELIMINARY
DS97Z8X1104
Zilog Clock. The Z8 on-chip oscillator has a high-gain, parallelresonant amplifier for connection to a crystal, LC, RC, ceramic resonator, or any suitable external clock source (XTAL1 = INPUT, XTAL2 = OUTPUT). The crystal should be AT cut, up to 12 MHz max., with a series resistance (RS) of less than or equal to 100 Ohms.
Z86E04/E08 CMOS Z8 OTP Microcontrollers The crystal should be connected across XTAL1 and XTAL2 using the vendors crystal recommended capacitors from each pin directly to device ground pin 14 (Figure 16). Note that the crystal capacitor loads should be connected to VSS, Pin 14 to reduce Ground noise injection.
1
XTAL1 C1 * XTAL2 C2 * Ceramic Resonator or Crystal C1, C2 = 47 pF TYP * F = 8 MHz C2 * LC C1 * L
XTAL1
XTAL1 C1 * R
XTAL1
XTAL2
XTAL2
XTAL2
External Clock
RC @ 5V Vcc (TYP) C1 = 100 pF R = 2K F = 6 MHz
* Typical value including pin parasitics
Figure 16. Oscillator Configuration
DS97Z8X1104
PRELIMINARY
29
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
FUNCTIONAL DESCRIPTION (Continued)
Table 5. Typical Frequency vs. RC Values VCC = 5.0V @ 25C Load Capacitor 33 pFd Resistor (R) 1.0M 560K 220K 100K 56K 20K 10K 5K 2K 1K
Notes:
56 pFd A(Hz) 20K 34K 84K 182K 330K 884K 1.6M 2.8M 6M 8.8M B(Hz) 20K 32K 78K 164K 300K 740K 1.3M 2M 4M 6M
100 pFd A(Hz) 12K 20K 48K 100K 185K 500K 980K 1.7K 3.8K 6.3K B(Hz) 11K 19K 45K 95K 170K 450K 820K 1.3M 2.7M 4.2M
0.00 1Fd A(Hz) 1.4K 2.5K 6K 12K 23K 65K 130K 245K 600K 1.0M B(Hz) 1.4K 2.4K 6K 12K 22K 61K 123K 225K 536K 950K
A(Hz) 33K 56K 144K 315K 552K 1.4M 2.6M 4.4M 8M 12M
B(Hz) 31K 52K 130K 270K 480K 1M 2M 3M 5M 7M
A = STD Mode Frequency. B = Low EMI Mode Frequency.
Table 6. Typical Frequency vs. RC Values VCC = 3.3V @ 25C Load Capacitor Resistor (R) 1.0M 560K 220K 100K 56K 20K 10K 5K 2K 1K
Notes:
33 pFd A(Hz) 18K 30K 70K 150K 268K 690M 1.2M 2M 4.6M 7M B(Hz) 18K 30K 70K 148K 250K 600K 1M 1.7M 3M 4.6M A(Hz) 12K 20K 47K 97K 176K 463K 860K 1.5M 3.3M 5M
56 pFd B(Hz) 12K 20K 47K 96K 170K 416K 730K 1.2M 2.4M 3.6M
100 pFd A(Hz) 7.4K 12K 30K 60K 100K 286K 540K 950K 2.2M 3.6K B(Hz) 7.7K 12K 30K 60K 100K 266K 480K 820K 1.6M 2.6M
0.00 1Fd A(Hz) 1K 1.6K 4K 8K 15K 40K 80K 151K 360K 660K B(Hz) 1K 1.6K 4K 8K 15K 40K 76K 138K 316K 565K
A = STD Mode Frequency. B = Low EMI Mode Frequency.
30
PRELIMINARY
DS97Z8X1104
Zilog HALT Mode. This instruction turns off the internal CPU clock but not the crystal oscillation. The counter/timers and external interrupts IRQ0, IRQ1, IRQ2 and IRQ3 remain active. The device is recovered by interrupts, either externally or internally generated. An interrupt request must be executed (enabled) to exit HALT Mode. After the interrupt service routine, the program continues from the instruction after the HALT. Note: On the C12 ICEBOX, the IRQ3 does not wake the device out of HALT Mode. STOP Mode. This instruction turns off the internal clock and external crystal oscillation and reduces the standby current to 10 A. The STOP Mode is released by a RESET through a Stop-Mode Recovery (pin P27). A Low input condition on P27 releases the STOP Mode. Program execution begins at location 000C(Hex). However, when P27 is used to release the STOP Mode, the I/O port Mode registers are not reconfigured to their default power-on conditions. This prevents any I/O, configured as output when the STOP instruction was executed, from glitching to an unknown state. To use the P27 release approach with STOP Mode, use the following instruction: LD NOP STOP P2M, #1XXX XXXXB
Z86E04/E08 CMOS Z8 OTP Microcontrollers Watch-Dog Timer (WDT). The Watch-Dog Timer is enabled by instruction WDT. When the WDT is enabled, it cannot be stopped by the instruction. With the WDT instruction, the WDT is refreshed when it is enabled within every 1 Twdt period; otherwise, the controller resets itself, The WDT instruction affects the flags accordingly; Z=1, S=0, V=0. WDT = 5F (Hex) Opcode WDT (5FH). The first time Opcode 5FH is executed, the WDT is enabled and subsequent execution clears the WDT counter. This must be done at least every TWDT; otherwise, the WDT times out and generates a reset. The generated reset is the same as a power-on reset of TPOR, plus 18 XTAL clock cycles. The software enabled WDT does not run in STOP Mode. Opcode WDH (4FH). When this instruction is executed it enables the WDT during HALT. If not, the WDT stops when entering HALT. This instruction does not clear the counters, it just makes it possible to have the WDT running during HALT Mode. A WDH instruction executed without executing WDT (5FH) has no effect. Permanent WDT. Selecting the hardware enabled Permanent WDT option, will automatically enable the WDT upon exiting reset. The permanent WDT will always run in HALT Mode and STOP Mode, and it cannot be disabled. Auto Reset Voltage (VLV). The Z8 has an auto-reset builtin. The auto-reset circuit resets the Z8 when it detects the VCC below VLV. Figure 17 shows the Auto Reset Voltage versus temperature. If the VCC drops below the VCC operating voltage range, the Z8 will function down to the VLV unless the internal clock frequency is higher than the specified maximum VLV frequency.
1
X = Dependent on user's application. Note: A low level detected on P27 pin will take the device out of STOP Mode even if configured as an output. In order to enter STOP or HALT Mode, it is necessary to first flush the instruction pipeline to avoid suspending execution in mid-instruction. To do this, the user executes a NOP (opcode=FFH) immediately before the appropriate SLEEP instruction, such as: FF 6F FF 7F NOP STOP or NOP HALT ; clear the pipeline ; enter STOP Mode ; clear the pipeline ; enter HALT Mode
DS97Z8X1104
PRELIMINARY
31
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
FUNCTIONAL DESCRIPTION (Continued)
Vcc (Volts) 2.9
2.8
2.7
2.6
2.5
2.4
2.3 -40C -20C 0C 20C 40C 60C 80C 100C
Temp
Figure 17. Typical Auto Reset Voltage (VLV) vs. Temperature
32
PRELIMINARY
DS97Z8X1104
Zilog
Z86E04/E08 CMOS Z8 OTP Microcontrollers ROM Protect. ROM Protect fully protects the Z8 ROM code from being read externally. When ROM Protect is selected, the instructions LDC and LDCI are supported (Z86E04/E08 and Z86C04/C08 do not support the instructions of LDE and LDEI). When the device is programmed for ROM Protect, the Low Noise feature will not automatically be enabled. Please note that when using the device in a noisy environment, it is suggested that the voltages on the EPM and CE pins be clamped to VCC through a diode to VCC to prevent accidentally entering the OTP Mode. The VPP requires both a diode and a 100 pF capacitor. Auto Latch Disable. Auto Latch Disable option bit when programmed will globally disable all Auto Latches. WDT Enable. The WDT Enable option bit, when programmed, will have the hardware enabled Permanent WDT enabled after exiting reset and can not be stopped in Halt or Stop Mode. EPROM/Test Mode Disable. The EPROM/Test Mode Disable option bit, when programmed, will disable the EPROM Mode and the Factory Test Mode. Reading, verifying, and programming the Z8 will be disabled. To fully verify that this mode is disabled, the device must be power cycled. User Modes. Table 7 shows the programming voltage of each mode. Table 7. OTP Programming Table
Low EMI Emission
The Z8 can be programmed to operate in a low EMI Emission (Low Noise) Mode by means of an EPROM programmable bit option. Use of this feature results in:
s s s
1
Less than 1 mA consumed during HALT Mode. All drivers slew rates reduced to 10 ns (typical). Internal SCLK/TCLK = XTAL operation limited to a maximum of 4 MHz-250 ns cycle time. Output drivers have resistances of 500 ohms (typical). Oscillator divide-by-two circuitry eliminated.
s s
In addition to VDD and GND (VSS), the Z8 changes all its pin functions in the EPROM Mode. XTAL2 has no function, XTAL1 functions as CE, P31 functions as OE, P32 functions as EPM, P33 functions as VPP, and P02 functions as PGM.
Programming Modes EPROM READ PROGRAM PROGRAM VERIFY EPROM PROTECT LOW NOISE SELECT AUTO LATCH DISABLE WDT ENABLE EPROM/TEST MODE
VPP NU VH VH VH VH VH VH VH
EPM VH VIH VIH VH VIH VIH VIL VIL
CE VIL VIL VIL VH VH VH VH VH
OE VIL VIH VIL VIH VIH VIL VIH VIL
PGM VIH VIL VIH VIL VIL VIL VIL VIL
ADDR ADDR ADDR ADDR NU NU NU NU NU
DATA Out In Out NU NU NU NU NU
VCC* 5.0V 6.4V 6.4V 6.4V 6.4V 6.4V 6.4V 6.4V
Notes: 1. VH =12.75V 0.25 VDC . 2. VIH = As per specific Z8 DC specification. 3. VIL= As per specific Z8 DC specification. 4. X = Not used, but must be set to VH or VIH level. 5. NU = Not used, but must be set to either VIH or VIL level. 6. IPP during programming = 40 mA maximum. 7. ICC during programming, verify, or read = 40 mA maximum. 8. * VCC has a tolerance of 0.25V.
DS97Z8X1104
PRELIMINARY
33
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
FUNCTIONAL DESCRIPTION (Continued)
Internal Address Counter. The address of Z8 is generated internally with a counter clocked through pin P01 (Clock). Each clock signal increases the address by one and the "high" level of pin P00 (Clear) will reset the address to zero. Figure 18 shows the setup time of the serial address input. Programming Waveform. Figures 19, 20, 21 and 22 show the programming waveforms of each mode. Table 8 shows the timing of programming waveforms. Programming Algorithm. Figure 23 shows the flow chart of the Z8 programming algorithm.
Table 8. Timing of Programming Waveforms Parameters 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 Name Address Setup Time Data Setup Time VPP Setup VCC Setup Time Chip Enable Setup Time Program Pulse Width Data Hold Time OE Setup Time Data Access Time Data Output Float Time Overprogram Pulse Width EPM Setup Time PGM Setup Time Address to OE Setup Time Option Program Pulse Width OE Width Address Valid to OE Low Min 2 2 2 2 2 0.95 2 2 188 100 2.85 2 2 2 78 250 125 Max Units s s s s s ms s s ns ns ms s s s ms ns ns
34
PRELIMINARY
DS97Z8X1104
Zilog
Z86E04/E08 CMOS Z8 OTP Microcontrollers
T2
P01 = Clock
T4 T3 T1
1
P00 = Clear
Vpp/EPM
T6
T5
Internal Address Vih Data Vil Invalid
0 Min
Valid
9
Invalid
Valid
Legend: T1 Reset Clock Width T2 Input Clock High T3 Input Clock Period T4 Input Clock Low T5 Clock to Address Counter Out Delay T6 Epm/Vpp Set up Time 30 ns Min 100 ns Min 200 ns Min 100 ns Min 15 ns Max 40 s Min
Figure 18. Z86E04/E08 Address Counter Waveform
DS97Z8X1104
PRELIMINARY
35
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
FUNCTIONAL DESCRIPTION (Continued)
VIH Address VIL VIH Data VIL VIH VPP VIL VH EPM VIL
12
Address Stable
17
Address Stable
Invalid
9
Valid
Invalid
Valid
VCC
5.0V VIH
CE
VIL VIH
5
OE
VIL
16 16
VIH PGM VIL
13
Figure 19. Z86E04/E08 Programming Waveform (EPROM Read)
36
PRELIMINARY
DS97Z8X1104
Zilog
Z86E04/E08 CMOS Z8 OTP Microcontrollers
VIH Address VIL VIH Data VIL
1
Address Stable
1
Data Out Valid
9 10
Data Stable
2
VH VPP VIH
3
VH EPM VIL 6V VCC 5.0V VIH CE VIL VIH OE VIL VIH PGM VIL
6 11 Program Cycle Verify Cycle 8 13 16 5 4 7
Figure 20. Z86E04/E08 Programming Waveform (Program and Verify)
DS97Z8X1104
PRELIMINARY
37
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
FUNCTIONAL DESCRIPTION (Continued)
VIH Address VIL VIH Data VIL VH VIH
3
VPP
6V VCC 5.0V
4
VH CE VIH
5
OE
VIH VIL
VH EPM VIH VIL VIH PGM VIL
15 15 12 13
VIH
12 13
EPROM Protect
Low Noise Program
Figure 21. Z86E04/E08 Programming Options Waveform (EPROM Protect and Low Noise Program)
38
PRELIMINARY
DS97Z8X1104
Zilog
Z86E04/E08 CMOS Z8 OTP Microcontrollers
VIH Address VIL VIH Data VIL VH VPP VIH
3
1
6V VCC 5.0V
4
VH CE VIH
5
VIH
OE
VIL
12 13 12 13
VIH EPM VIL
12 12 13
VIH PGM VIL
13
15
15
15
Auto Latch
WDT
EPROM/Test Mode Disabl e
Figure 22. Z86E04/E08 Programming Options Waveform (Auto Latch Disable, Permanent WDT Enable and EPROM/Test Mode Disable)
DS97Z8X1104
PRELIMINARY
39
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
FUNCTIONAL DESCRIPTION (Continued)
Start
Addr = First Location
VCC = 6.4V VPP= 13.0V
N=0
Program 1 ms Pulse
Increment N
N = 25 ? No Fail Verify One Byte Pass Prog. One Pulse 3xN ms Duration
Yes
Verify Byte Pass
Fail
Increment Address
No
Last Addr ? Yes VCC = VPP = 5.0V
Verify All Bytes Pass
Fail
Device Failed Device Passed
Figure 23. Z86E04/E08 Programming Algorithm
40
PRELIMINARY
DS97Z8X1104
Zilog
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Z8 CONTROL REGISTERS
R241 TMR D7 D6 D5 D4 D3 D2 D1 D0
R244 T0 D7 D6 D5 D4 D3 D2 D1 D0
1
T0 Initial Value (When Written) (Range: 1-256 Decimal 01-00 HEX) T0 Current Value (When READ)
0 No Function 1 Load T0 0 Disable T0 Count 1 Enable T0 Count 0 No Function 1 Load T1 0 Disable T1 Count 1 Enable T1 Count TIN Modes 00 External Clock Input 01 Gate Input 10 Trigger Input (Non-retriggerable) 11 Trigger Input (Retriggerable) Reserved (Must be 0)
Figure 27. Counter/Timer 0 Register (F4H: Read/Write)
R245 PRE0 D7 D6 D5 D4 D3 D2 D1 D0
Figure 24. Timer Mode Register (F1H: Read/Write)
Count Mode 0 T0 Single Pass 1 T0 Modulo N Reserved (Must be 0) Prescaler Modulo (Range: 1-64 Decimal 01-00 HEX)
R242 T1 D7 D6 D5 D4 D3 D2 D1 D0
T 1 Initial Value (When Written) (Range 1-256 Decimal 01-00 HEX) T 1 Current Value (When READ)
Figure 28. Prescaler 0 Register (F5H: Write Only)
R246 P2M D7 D6 D5 D4 D3 D2 D1 D0
Figure 25. Counter Timer 1 Register (F2H: Read/Write)
P2 7 - P2 0 I/O Definition 0 Defines Bit as OUTPUT 1 Defines Bit as INPUT
R243 PRE1 D7 D6 D5 D4 D3 D2 D1 D0
Figure 29. Port 2 Mode Register (F6H: Write Only)
Count Mode 0 = T 1 Single Pass 1 = T 1 Modulo N Clock Source 1 = T 1 Internal 0 = T 1 External Timing Input (T IN ) Mode Prescaler Modulo (Range: 1-64 Decimal 01-00 HEX)
R247 P3M D7 D6 D5 D4 D3 D2 D1 D0
0 Port 2 Open-Drain 1 Port 2 Push-pull Port 3 Inputs 0 Digital Mode 1 Analog Mode Reserved (Must be 0)
Figure 26. Prescaler 1 Register (F3H: Write Only)
Figure 30. Port 3 Mode Register (F7H: Write Only)
DS97Z8X1104
PRELIMINARY
41
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
Z8 CONTROL REGISTERS (Continued)
R248 P01M D7 D6 D5 D4 D3 D2 D1 D0
R251 IMR D7 D6 D5 D4 D3 D2 D1 D0
P02-P00 Mode 00 = Output 01 = Input Reserved (Must be 1.) Reserved (Must be 0.)
1 Enables IRQ0-IRQ5 (D0 = IRQ0) Reserved (Must be 0.) 1 Enables Interrupts
Figure 34. Interrupt Mask Register (FBH: Read/Write) Figure 31. Port 0 and 1 Mode Register (F8H: Write Only)
R252 Flags D7 D6 D5 D4 D3 D2 D1 D0
R249 IPR D7 D6 D5 D4 D3 D2 D1 D0
User Flag F1 User Flag F2
Interrupt Group Priority Reserved = 000 C > A > B = 001 A > B > C = 010 A > C > B = 01 1 B > C > A = 100 C > B > A = 101 B > A > C = 110 Reserved = 111 IRQ1, IRQ4 Priority (Group C) 0 = IRQ1 > IRQ4 1 = IRQ4 > IRQ1 IRQ0, IRQ2 Priority (Group B) 0 = IRQ2 > IRQ0 1 = IRQ0 > IRQ2 IRQ3, IRQ5 Priority (Group A) 0 = IRQ5 > IRQ3 1 = IRQ3 > IRQ5 Reserved (Must be 0.)
Half Carry Flag Decimal Adjust Flag Overflow Flag Sign Flag Zero Flag Carry Flag
Figure 35. Flag Register (FCH: Read/Write)
R253 RP D7 D6 D5 D4 D3 D2 D1 D0
Figure 32. Interrupt Priority Register (F9H: Write Only)
Default After Reset = 00H
Expanded Register File Working Register Pointer
R250 IRQ D7 D6 D5 D4 D3 D2 D1 D0
Figure 36. Register Pointer (FDH: Read/Write)
IRQ0 = P32 Input IRQ1 = P33 Input IRQ2 = P31 Input IRQ3 = P32 Input IRQ4 = T0 IRQ5 = T1 Reserved (Must be 0)
Stack Pointer Lower Byte (SP 7 - SP 0 )
R255 SPL D7 D6 D5 D4 D3 D2 D1 D0
Figure 33. Interrupt Request Register (FAH: Read/Write)
Figure 37. Stack Pointer (FFH: Read/Write) DS97Z8X1104
42
PRELIMINARY
Zilog
Z86E04/E08 CMOS Z8 OTP Microcontrollers
PACKAGE INFORMATION
1
18-Pin DIP Package Diagram
18-Pin SOIC Package Diagram
DS97Z8X1104
PRELIMINARY
43
Z86E04/E08 CMOS Z8 OTP Microcontrollers
Zilog
ORDERING INFORMATION Z86E04
Standard Temperature 18-Pin DIP Z86E0412PSC Z86E0412PEC 18-Pin SOIC Z86E0412SSC Z86E0412SEC 18-Pin DIP Z86E0812PSC Z86E0812PEC
Z86E08
Standard Temperature 18-Pin SOIC Z86E0812SSC Z86E0812SEC
For fast results, contact your local Zilog sales office for assistance in ordering the part(s) desired.
Codes
Preferred Package P = Plastic DIP Longer Lead Time S = SOIC Preferred Temperature S = 0C to +70C E = -40C to +105C Speeds 12 =12 MHz Environmental C = Plastic Standard
Example:
Z 86E04 12 P S C is a Z86E04, 12 MHz, DIP, 0C to +70C, Plastic Standard Flow Environmental Flow T emperature Package Speed Product Number Zilog Prefix (c) 1998 by Zilog, Inc. All rights reserved. No part of this document may be copied or reproduced in any form or by any means without the prior written consent of Zilog, Inc. The information in this document is subject to change without notice. Devices sold by Zilog, Inc. are covered by warranty and patent indemnification provisions appearing in Zilog, Inc. Terms and Conditions of Sale only. ZILOG, INC. MAKES NO WARRANTY, EXPRESS, STATUTORY, IMPLIED OR BY DESCRIPTION, REGARDING THE INFORMATION SET FORTH HEREIN OR REGARDING THE FREEDOM OF THE DESCRIBED DEVICES FROM INTELLECTUAL PROPERTY INFRINGEMENT. ZILOG, INC. MAKES NO WARRANTY OF MERCHANTABILITY OR FITNESS FOR ANY PURPOSE. Zilog, Inc. shall not be responsible for any errors that may appear in this document. Zilog, Inc. makes no commitment to update or keep current the information contained in this document. Zilog's products are not authorized for use as critical components in life support devices or systems unless a specific written agreement pertaining to such intended use is executed between the customer and Zilog prior to use. Life support devices or systems are those which are intended for surgical implantation into the body, or which sustains life whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. Zilog, Inc. 210 East Hacienda Ave. Campbell, CA 95008-6600 Telephone (408) 370-8000 FAX 408 370-8056 Internet: http://www.zilog.com
44
PRELIMINARY
DS97Z8X1104


▲Up To Search▲   

 
Price & Availability of Z86E0412PEC1903

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X